Part Number Hot Search : 
BA643 195AFP 01400 C1608C0G 1N541 C100L RT1P151X C33591FT
Product Description
Full Text Search
 

To Download 11DQ04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.287 rev. D 03/02
11DQ03 11DQ04
SCHOTTKY RECTIFIER 1.1 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 1 Apk, TJ = 25C range
Description/Features Units
A V A V C The 11DQ.. axial leaded Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. Low profile, axial leaded outline High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
11DQ..
1.1 30/40 225 0.55 - 40 to 150
CASE STYLE AND DIMENSIONS
Conform to JEDEC Outline DO-204AL (DO-41) Dimensions in millimeters and inches
www.irf.com
1
11DQ03, 11DQ04
Bulletin PD-2.287 rev. D 03/02
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
11DQ03
30
11DQ04
40
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 4 IFSM EAS IAR Max.PeakOneCycleNon-Repetitive Surge Current * See Fig. 6 Non-Repetitive Avalanche Energy Repetitive Avalanche Current 225 35 4.0 1.0 A mJ A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
11DQ..
1.1
Units
A
Conditions
50% duty cycle @ TC = 75C, rectangular wave form
TJ = 25 C, IAS = 2 Amps, L = 10 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
11DQ.. Units
0.55 0.71 0.50 0.61 1.0 6.0 60 8.0 10000 V V V V mA mA pF nH V/s @ 1A @ 2A @ 1A @ 2A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current * See Fig. 2 (1) Typical Junction Capacitance Typical Series Inductance
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range
11DQ..
-40 to 150 -40 to 150 100 81
Units
C C
Conditions
RthJA Max. Thermal Resistance Junction to Ambient RthJL Typical Thermal Resistance Junction to Lead wt Approximate Weight Case Style
(*) dPtot dTj < 1 Rth( j-a)
C/W DC operation Without cooling fin C/W DC Operation (* See Fig. 4)
0.33(0.012) g (oz.) DO-204AL(DO-41)
thermal runaway condition for a diode on its own heatsink
2
11DQ03, 11DQ04
Bulletin PD-2.287 rev. D 03/02
10
100 10
Reverse Current - IR (mA)
T J = 150C
1
125C
0.1 0.01
25C
Instantaneous Forward Current - IF (A)
0.001 0.0001 0 10 20 30 40
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
TJ = 150C TJ = 125C
1
TJ = 25C
100
Junction Capacitance - CT (pF)
T = 25C J
0.1 0 0.3 0.6 0.9 1.2 1.5
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics
10 0 10 20 30 40 50
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
3
11DQ03, 11DQ04
Bulletin PD-2.287 rev. D 03/02
150
Allowable Case Temperature - (C) Average Power Loss - (Watts)
0.8
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
120
DC
0.6
90
0.4
60
Square wave (D = 0.50) 80% Rated V applied R
30
see note (2)
0.2
0 0 0.3 0.6 0.9 1.2 1.5
Average Forward Current - IF(AV)(A) Fig. 4 - Max. Allowable Case Temperature Vs. Average Forward Current
0 0 0.3 0.6 0.9 1.2 1.5
Average Forward Current - IF(AV) (A) Fig. 5- Forward Power Loss Characteristics
Non-Repetitive Surge Current - IFSM (A)
1000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
100
10 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 6 - Max. Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
11DQ03, 11DQ04
Bulletin PD-2.287 rev. D 03/02
Ordering Information Table
Device Code
11
1
D
2
Q
3
04
4
TR
5
1 2 3 4 5
-
11 = 1.1A (Axial and small packages - Current is x10) D = DO-41 package Q = Schottky Q.. Series 04 = Voltage Ratings TR = Tape & Reel package ( 5000 pcs) = Box package (1000 pcs) 04 = 40V 03 = 30V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/02
5


▲Up To Search▲   

 
Price & Availability of 11DQ04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X